PART |
Description |
Maker |
FFPF15U20DP FFPF15U20DPTU |
15A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER Fast Recovery Power Rectifer(平均整流电流15A快速恢复功率整流器) 15 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
CR6AF8GPP CR6AF10GPP CR6AF1GPP CR6AF2GPP CR6AF4GPP |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY SILICON RECTIFIER 6.0 AMP 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
G73MCS-DC9C G73AD-DC12 G73AD-DC12A G73AD-DC12C G73 |
RECT SCHOTTKY 40V 5A POWERMITE3 G73 G73 G73 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.2V-vf 250ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir DO-15 1K/BULK LENS RND YLW W/TPT HLDR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
SCAS05F SCAS4F SCAS2F |
FAST RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS Fast Recovery 1-Phase Full Wave Bridge Rectifier(反向电压400V,管壳温55℃时平均整流电流65A,快速恢复,1相全波桥整流 Fast Recovery 1-Phase Full Wave Bridge Rectifier(????靛?200V锛??澹虫俯搴?5???骞冲??存??垫?65A锛?揩???澶??1?稿?娉㈡ˉ?存??? 16 A, SILICON, BRIDGE RECTIFIER DIODE
|
Semtech Corporation
|
FFP04U40DN FFP04U40DNTU |
Ultrafast with soft recovery ULTRA FAST RECOVERY POWER RECTIFIER 4.0A/400V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor
|
FS1A FS1B FS1D FS1G FS1J FS1K FS1M |
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts FAST RECOVERY RECTIFIER
|
Shenzhen Ping Sheng Electronics Co., Ltd. PFS & MIC
|
1N3903 1N3901 1N3900 1N3900R IN3900 IN3901 IN3902 |
Ultra Fast Rectifier (less than 100ns) Fast Recovery Rectifier FastRectifier(100-500ns)
LED 5MM 574NM ALINGAP GRN CLEAR Fast Rectifier (100-500ns) 20 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
R5021013 R5030413 R5031413 R5031213 R5031013 R5020 |
Fast Recovery Rectifier (125 Amperes Average 1400 Volts) Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 125 A, 600 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 快速恢复整流器(一百二十五安培平均1400伏特 Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 125 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 125 A, 200 V, SILICON, RECTIFIER DIODE, DO-8 1600V, 125A fast recovery single diode
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|